Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM2054G-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTM2054G-AB3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM2054G-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTM2054G-AB3-R Datasheet HTML 1Page - Unisonic Technologies UTM2054G-AB3-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTM2054
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R502-289.a
ABSOLUTE MAXIMUM RATINGS (Ta =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±16
V
Continuous
ID
5
Drain Current (VGS=10V)
Pulsed
IDM
20
A
Diode Continuous Forward Current
IS
3
A
Power Dissipation
PD
1.47
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
20
V
Drain-Source Leakage Current
IDSS
VDS=16V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±16V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
0.6
0.9
1.5
V
VGS=10V, IDS=5A
35
40
VGS=4.5V, IDS=3.5A
45
54
Static Drain-Source On-State Resistance
(Note)
RDS(ON)
VGS=2.5V, IDS=2.5A
110 130
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
450
pF
Output Capacitance
COSS
100
pF
Reverse Transfer Capacitance
CRSS
VDS=15V, VGS=0V, f=1.0MHz
60
pF
Gate resistance
RG
VGS=0V, VDS=0V, f=1MHz
2.5
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
7
10
ns
Turn-On Rise Time
tR
15
25
ns
Turn-Off Delay Time
tD(OFF)
19
26
ns
Turn-Off Fall Time
tF
VDD=10V, RL=10Ω, IDS=1A,
VGEN=4.5V, RG=6Ω
6
7
ns
Total Gate Charge
QG
11.5
15
nC
Gate-Source Charge
QGS
3.8
nC
Gate-Drain Charge
QDD
VDS=10V, VGS=4.5V, IDS=5 A
5.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage (Note)
VSD
ISD=3A, VGS=0V
0.7
1.3
V
Note: Pulse width≦300μs, Duty cycle≦2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com