Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM2513 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTM2513
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM2513 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTM2513 Datasheet HTML 1Page - Unisonic Technologies UTM2513 Datasheet HTML 2Page - Unisonic Technologies UTM2513 Datasheet HTML 3Page - Unisonic Technologies UTM2513 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTM2513
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-228.A
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
25
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
40
A
Pulsed Drain Current
IDM
90
A
Power Dissipation
PD
50
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: 1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, IDS=250µA
25
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, IDS=250µA
1.30 1.80
2.50
V
VGS=10V, IDS=12A
10.5
13
Drain-Source On-State Resistance(Note)
RDS(ON)
VGS=4.5V, IDS=10A
16
23
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
1560
pF
Output Capacitance
COSS
345
pF
Reverse Transfer Capacitance
CRSS
VDS=15V, VGS=0V, f=1.0MHz
245
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note)
tD(ON)
30
35
ns
Turn-ON Rise Time
tR
60
67
ns
Turn-OFF Delay Time
tD(OFF)
272
285
ns
Turn-OFF Fall Time
tF
IDS=1A, VDD=15V, RG=3Ω,
168
172
ns
Total Gate Charge (Note)
QG
28
38
nC
Gate-Source Charge
QGS
3.6
nC
Gate-Drain Charge
QGD
VDS=15V, VGS=10V, IDS=10A
8.4
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note)
VSD
ISD=10A, VGS=0V
0.9
1.3
V
Note: Pulse width ≤300us, duty cycle ≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com