Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143EG-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTC143EG-AL3-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143EG-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTC143EG-AL3-R Datasheet HTML 1Page - Unisonic Technologies DTC143EG-AL3-R Datasheet HTML 2Page - Unisonic Technologies DTC143EG-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTC143E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-053,F
TYPICAL CHARACTERISTIC
100
50
20
10
5
2
1
2m
5m 10m 20m 50m 100m
1m
100μ
Input Voltage vs.Output Current
(ON Characterristics)
Output Current, IOUT(A)
500m
200m
100m
200μ 500μ
3.0
10
5
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
0.5
1.0
1.5
2.0
2.5
Output Current vs. Input Voltage
(OFF Characterristics)
0
2
Input Voltage, VIN(OFF) (V)
TA=100°C
VCC=0.5V
25°C
-40°C
VOUT=0.3V
TA=-40°C
25°C
100°C
Output Current, IOUT (A)
Output Voltage vs. Output Current
1
500m
200m
100m
50m
20m
10m
2m
5m 10m 20m 50m 100m
1m
100μ
5m
2m
1m
200μ 500μ
1K
500
200
100
50
20
10
2m
5m 10m 20m 50m100m
1m
100μ
5
2
1
200μ 500μ
DC Current Gain vs. Output Current
Output Current, IOUT (A)
VOUT=5V
TA=100°C
25°C
IOUT/IIN=20
TA=100°C
25°C
-40°C
-40°C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com