Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM3023-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTM3023-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM3023-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTM3023-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTM3023-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTM3023-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTM3023-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTM3023-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTM3023
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-178.A
TYPICAL CHARACTERISTICS
VDS=10V
TJ=125℃
TJ=25℃
TJ=-55℃
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Gate-to-Source Voltage,VGS (V)
Transfer Characteristics
10
8
6
4
2
0
0
5
10
15
20
25
30
Drain-to-Source Voltage,VDS (V)
Output Characteristics
VGS=5,6,7,8,9,10V
4V
VGS=3V
IDS=250μA
VGS=5V
VGS=10V
1.2
1.0
0.8
0.6
0.4
-50 -25
0
25
50
75 100 125 150
Junction Temperature,TJ (℃)
Threshold Voltage vs. Junction
Temperature
05
10
30
25
20
15
Drain Current,IDS (A)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
On-Resistance vs. Drain Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com