Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC143EG-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTC143EG-T92-R
Description  NPN DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143EG-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTC143EG-T92-R Datasheet HTML 1Page - Unisonic Technologies DTC143EG-T92-R Datasheet HTML 2Page - Unisonic Technologies DTC143EG-T92-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC143E
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-053,F
ABSOLUTE MAXIMUM RATINGS(TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
-10 ~ +30
V
Output Current
IC
100
mA
Power Dissipation
SOT-23/ SOT-323
PD
400
mW
TO-92
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
*Device mounted on PCB 50mm × 50mm × 1.6mm
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-23
θJA
294
°C/W
SOT-323
310
°C/W
TO-92
200
°C/W
Junction to Case
SOT-23
θJC
138
°C/W
SOT-323
148
°C/W
TO-92
84
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN(OFF)
VCC = 5V, IOUT =100μA
0.5
V
VIN(ON)
VOUT = 0.3V, IOUT = 20mA
3
V
Output Voltage
VOUT(ON)
IOUT/IIN = 10mA/0.5 mA
0.1
0.3
V
Input Current
IIN
VIN = 5V
1.8
mA
Output Current
IOUT(OFF)
VCC = 50V , VIN = 0V
0.5
μA
DC Current Gain
hFE
VOUT = 5V, IOUT = 10mA
20
Input Resistance
R1
3.29
4.7
6.11
KΩ
Resistance Ratio
1
2
R
R
0.8
1
1.2
Transition Frequency
fT
VCE =10V, IE = -5mA ,f =100MHz (Note)
250
MHz
Note: Transition frequency of the device



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com