Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM4052G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTM4052G-S08-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM4052G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTM4052G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 7Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 8Page - Unisonic Technologies UTM4052G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTM4052
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-137.E
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
FEATURES
* N-Channel: 40V/7.5A
RDS(ON) = 30 mΩ (typ.) @VGS =10V
RDS(ON) = 46 mΩ(typ.) @ VGS= 5V
* P-Channel: -40V/-6A
RDS(ON) = 45 mΩ(typ.) @ VGS= -10V
RDS(ON) = 52 mΩ(typ.) @ VGS= -5V
* Super High Dense Cell Design
* Reliable and Rugged
SYMBOL
D
G2
G1
S1
S2
N-Channel
P-Channel
SOP-8
TO-252-4
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1. 2. 3. 4. 5. 6. 7. 8.
Packing
UTM4052L-S08-R
UTM4052G-S08-R
SOP-8
S1 G1 S2 G2 D D D D
Tape Reel
UTM4052L-TN4-R
UTM4052G-TN4-R
TO-252-4
S1 G1 D S2 G2 -
-
-
Tape Reel
UTM4052L-TN4-T
UTM4052G-TN4-T
TO-252-4
S1 G1 D S2 G2 -
-
-
Tube


Similar Part No. - UTM4052G-S08-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTM4052G-S08-R VBSEMI-UTM4052G-S08-R Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - UTM4052G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT6NP10 UTC-UTT6NP10 Datasheet
259Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com