Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM4052G-TN4-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTM4052G-TN4-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM4052G-TN4-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UTM4052G-TN4-R Datasheet HTML 1Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 2Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 3Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 4Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 5Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 6Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 7Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 8Page - Unisonic Technologies UTM4052G-TN4-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTM4052
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-137.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
TJ=25℃, IS=-2A, VGS=0V
-0.8
-1.1
V
Diode Continuous Forward Current (Note3)
IS
-18
A
Reverse Recovery Time
tRR
17
ns
Reverse Recovery Charge
QRR
IDS=-6A, dI/dt=100A/μs
10
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com