Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOK376-RU Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LOK376-RU
Description  Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LOK376-RU Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LOK376-RU Datasheet HTML 1Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 2Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 3Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 4Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 5Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 6Page - Siemens Semiconductor Group LOK376-RU Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Streuung des Lichtstromes in einer Verpackungseinheit
Φ
V max / ΦV min ≤ 2.0.
Luminous flux ratio in one packaging unit
Φ
V max / ΦV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS K376-QT
LS K376-R
LS K376-S
LS K376-T
LS K376-RU
super-red
colorless clear
63
...
500
100
...
200
160
...
320
250
...
500
100
...
800
Q62703-Q3467
Q62703-Q3468
Q62703-Q3469
Q62703-Q3470
Q62703-Q3471
LA K376-RU
LA K376-S
LA K376-T
LA K376-U
LA K376-SV
amber
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3735
Q62703-Q3737
Q62703-Q3738
Q62703-Q3739
Q62703-Q3736
LO K376-RU
LO K376-S
LO K376-T
LO K376-U
LO K376-SV
orange
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3472
Q62703-Q3473
Q62703-Q3474
Q62703-Q3475
Q62703-Q3476
LY K376-RU
LY K376-S
LY K376-T
LY K376-U
LY K376-SV
yellow
colorless clear
100
...
800
160
...
320
250
...
500
400
...
800
160
... 1250
Q62703-Q3477
Q62703-Q3478
Q62703-Q3479
Q62703-Q3480
Q62703-Q3481
LS K376, LA K376, LO K376, LY K376



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com