Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTN3055L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTN3055L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTN3055L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTN3055L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTN3055L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTN3055L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTN3055L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTN3055
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-138.A
TYPICAL CHARACTERISTICS
25℃
-55℃
TJ=100℃
VDS≥10V
Gate-to-Source Voltage,VGS (V)
Transfer Characteristics
10
9
8
7
6
5
4
3
2
1
0
22.2 2.4
4
3.8
3.6
3.4
3.2
3
2.8
2.6
TJ=25℃
VGS=10V
8V
4.5V
3.0V
2.5V
2.0V
On-Resistance Variation with
Temperature
Drain-to-Source Voltage, VGS (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
0
1
2
3
4
5
6
7
8
9
10
TJ=25℃
0
1
2
345
67
8
910
Drain Current,ID (A)
0.03
0.0325
0.035
0.0375
0.04
0.0425
On-Resistance vs. Drain Current and
Gate Voltage
ID=2.5A
Gate-to-Source Voltage,VGS(V)
0
12
3
4
56
78
9 10
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.2
On-Resistance vs. Gate-to-Source
Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com