Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTR4502L-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTR4502L-AE2-R
Description  -1.95 Amps, -30 Volts P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTR4502L-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTR4502L-AE2-R Datasheet HTML 1Page - Unisonic Technologies UTR4502L-AE2-R Datasheet HTML 2Page - Unisonic Technologies UTR4502L-AE2-R Datasheet HTML 3Page - Unisonic Technologies UTR4502L-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTR4502
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-234.C
TYPICAL CHARACTERISTICS
0
0
-50
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (mV)
-1000
-250
-500
-100
-150
-200
-300
Drain Current vs.
Drain-Source Breakdown Voltage
0
0
-50
Drain-Source Breakdown Voltage, BVDSS(V)
-30
-250
-10
-100
-150
-200
-300
-20
-1500
-40
-150
-2.5
0
0
-1.0
-1.5
-2.0
Drain-Source
On-State Resistance Characteristics
Drain to Source Voltage, VDS (mV)
-0.5
-100
-50
VGS=-10V
ID=-1.95A
-200
VGS=-4.5V
ID=-1.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com