Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTR4502L-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTR4502L-AE3-R
Description  -1.95 Amps, -30 Volts P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTR4502L-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTR4502L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UTR4502L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UTR4502L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UTR4502L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTR4502
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-234.C
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 3)
ID
-1.13
A
Pulsed Drain Current (Note 1, 2)
IDM
-6.8
A
Total Power Dissipation
PD
0.4
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
300
℃
/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=-250µA
-30
V
Drain-Source Leakage Current
IDSS
VDS=-30V, VGS=0V
-1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
(Note 3)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1.0
-3.0
V
VGS=-10V, ID=-1.95A
155
200
Static Drain-Source On-Resistance (Note 2)
RDS(ON)
VGS=-4.5V, ID=-1.5A
240
350
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
200
pF
Output Capacitance
COSS
80
pF
Reverse Transfer Capacitance
CRSS
VDS=-15V, VGS=0V, f=1MHz
50
pF
SWITCHING PARAMETERS
(Note 4)
Turn-ON Delay Time
tD(ON)
5.2
10
ns
Turn-ON Rise Time
tR
12
24
ns
Turn-OFF Delay Time
tD(OFF)
19
96
ns
Turn-OFF Fall-Time
tF
VGS=-10V, VDD=-15V,
ID=-1.95A, RGEN=6Ω
17.5
48
ns
Total Gate Charge
QG(TOT)
6
10
nC
Threshold Gate Charge
QG(TH)
0.3
nC
Gate Source Charge
QGS
1
nC
Gate Drain Charge
QGD
VDS=-15V, VGS=-10V,
ID =-1.95A
1.7
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(Note 3)
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=-1.25A, VGS=0V
-0.8
-1.2
V
Reverse Recovery Time
tRR
VGS=0V, dISD /dt=100A/s
IS=-1.25A
23
ns
Note: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com