Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT16P10 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT16P10
Description  100V, 16A P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT16P10 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT16P10 Datasheet HTML 1Page - Unisonic Technologies UTT16P10 Datasheet HTML 2Page - Unisonic Technologies UTT16P10 Datasheet HTML 3Page - Unisonic Technologies UTT16P10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTT16P10
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-748.a
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous,
VGSS@-10V
TC=25°C
ID
-16
A
TC=100°C
-9.8
A
Pulsed (Note 2)
IDM
-64
A
Avalanche Current (Note 2)
IAR
-16
A
Avalanche Energy
Repetitive (Note 3)
EAS
345
mJ
Single Pulsed (Note 2)
EAR
15
mJ
Peak Diode Recovery dv/dt
dv/dt
-5.5
V/ns
Power Dissipation (TC=25°C)
PD
150
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating; pulse width limited by max. junction temperature.
3. VDD=-25V, starting TJ=25°C, L=2.7mH, RG=25Ω, IAS=-16A.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
1.0
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=-250µA, VGS=0V
-100
V
Breakdown Voltage Temperature Coefficient
∆BVDSS/∆TJ Reference to 25°C, ID=-1mA
-0.1
V/°C
Drain-Source Leakage Current
IDSS
VDS=-100V, VGS=0V,
-25
µA
VDS=-80V, VGS=0V, TJ=150°C
-100
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V
+100 nA
Reverse
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1.0
-3.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-16A (Note 2)
0.21
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=-25V, VGS=0V, f=1.0MHz
1180 1900
pF
Output Capacitance
COSS
250
pF
Reverse Transfer Capacitance
CRSS
75
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-80V, VGS=-10V, ID=-16A,
37
60
nC
Gate to Source Charge
QGS
5
nC
Gate to Drain ("Miller") Charge
QGD
15
nC
Turn-ON Delay Time
tD(ON)
VDD=-50V, ID=-16A, RG=9.1Ω,
RD = 2.4Ω
11
ns
Rise Time
tR
25
ns
Turn-OFF Delay Time
tD(OFF)
56
ns
Fall-Time
tF
36
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
-16
A
Maximum Body-Diode Pulsed Current
ISM
(Note 1)
-64
A
Drain-Source Diode Forward Voltage
VSD
IS=-16A, VGS=0V (Note 2)
-1.3
V
Notes: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com