Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT18P06L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT18P06L-TN3-R
Description  18.3A, 60V P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT18P06L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT18P06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT18P06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT18P06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTT18P06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-713.a
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=-10V, VDS=-30V,
ID=-18.3A (Note 3)
26
40
nC
Gate to Source Charge
QGS
4.5
nC
Gate to Drain Charge
QGD
7.0
nC
Turn-ON Delay Time
tD(ON)
VDD=-30V, ID=-1A, RG=2.5Ω
(Note 3)
40
ns
Rise Time
tR
58
ns
Turn-OFF Delay Time
tD(OFF)
150
ns
Fall-Time
tF
60
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
(TC=25°C) (Note 2)
Maximum Body-Diode Continuous Current
IS
-18.3
A
Maximum Body-Diode Pulsed Current
ISM
-73.2
A
Drain-Source Diode Forward Voltage
VSD
IF=-18.3A, VGS=0V (Note 1)
-1.0
-1.5
V
Body Diode Reverse Recovery Time
trr
IF=-18.3A, dIF/dt=100A/µs
14
61
ns
Notes: 1. Pulse test; pulse width ≤ 300 µs, duty cycle ≤ 2 %.
2. Guaranteed by design, not subject to production testing.
3. Independent of operating temperature.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com