Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYK382-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LYK382-R
Description  Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYK382-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LYK382-R Datasheet HTML 1Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 2Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 3Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 4Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 5Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 6Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 7Page - Siemens Semiconductor Group LYK382-R Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Semiconductor Group
1
11.96
Super ARGUS® LED
High-Current, 3 mm (T1) LED, Non Diffused
LS K382, LO K382, LY K382
LG K382, LP K382
Besondere Merkmale
q
eingefärbtes, klares Gehäuse
q
Kunststoffgehäuse mit spezieller Formgebung
q
besonders geeignet bei hohem Umfeldlicht duch erhöhten
Betriebsstrom (typ. 50 mA)
q
bei Einsatz eines äußeren Reflektors zur Hintergrund-
beleuchtung von Leuchtfeldern und LCD-Anzeigen
geeignet
q
gleichmäßige Ausleuchtung einer Streuscheibe
(Weißdruck) vor dem äußeren Reflektor
q
Lötspieße mit Aufsetzebene
q
gegurtet lieferbar
q
Störimpulsfest nach DIN 40839
q
Hinweis: Bei farbigen Streuscheiben muß die spektrale
Transmission an die von der LED emittierte Wellenlänge
angepaßt werden.
Features
q
colored, clear package
q
plastic package with a special design
q
appropriate for high ambient light because of the higher
operating current (typ. 50 mA)
q
in connection with an additional, custom built reflector
suitable for backlighting of display panels
q
uniform illumination of a diffuser screen in front of the
custom built reflector
q
solder leads with stand-off
q
available taped on reel
q
load dump resistant acc. to DIN 40839
q
Note: If the diffuser screen is tinted, the spectral
transmission must be adjusted to the wavelength emitted
by the LED.


Similar Part No. - LYK382-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LYK380-LP SIEMENS-LYK380-LP Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LYK380-N SIEMENS-LYK380-N Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LYK380-NR SIEMENS-LYK380-NR Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LYK380-P SIEMENS-LYK380-P Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LYK380-Q SIEMENS-LYK380-Q Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
More results

Similar Description - LYK382-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
3 mm (T1) LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
3 mm T1 LED, Non Diffused Super-Bright LED
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
5 mm T1 3/4 LED, Non Diffused Super-Bright LED
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSGK372 SIEMENS-LSGK372 Datasheet
492Kb / 8P
Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
ARGUS LED 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
3 mm (T1) LED, Non Diffused
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com