Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N08L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30N08L-TN3-R
Description  80V, 30A N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N08L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30N08L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N08L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N08L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N08L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N08L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT30N08L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30N08
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-732.a
80V, 30A N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT30N08 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC UTT30N08 is generally applied in high efficiency switch
mode power supplies.
FEATURES
* RDS(ON)<40mΩ @ VGS=10V, ID=30A
* Low Gate Charge (Typical 48nC)
* Low CRSS (Typical 30pF)
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT30N08L-TN3-R
UTT30N08G-TN3-R
TO-252
G
D
S
Tape Reel
UTT30N08L-TN3-T
UTT30N08G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UTT30N08L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N08 UTC-UTT30N08_15 Datasheet
206Kb / 5P
N-CHANNEL POWER MOSFET
More results

Similar Description - UTT30N08L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
80V N-Channel MOSFET
FQB24N08 FAIRCHILD-FQB24N08 Datasheet
719Kb / 9P
80V N-Channel MOSFET
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
80V N-Channel MOSFET
FQP24N08 FAIRCHILD-FQP24N08 Datasheet
711Kb / 8P
80V N-Channel MOSFET
FQP44N08 FAIRCHILD-FQP44N08 Datasheet
668Kb / 8P
80V N-Channel MOSFET
FQP70N08 FAIRCHILD-FQP70N08 Datasheet
667Kb / 8P
80V N-Channel MOSFET
logo
Unisonic Technologies
UTT25N08 UTC-UTT25N08 Datasheet
159Kb / 3P
25A, 80V N-CHANNEL POWER MOSFET
logo
Estek Electronics Co. L...
ET75N08 ESTEK-ET75N08 Datasheet
308Kb / 9P
80V, 75A, N-Channel Power MOSFET
logo
Unisonic Technologies
UTT80N08 UTC-UTT80N08 Datasheet
133Kb / 3P
80A, 80V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com