Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N08G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT30N08G-TN3-R
Description  80V, 30A N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N08G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT30N08G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N08G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N08G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N08G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N08G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT30N08G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTT30N08
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-732.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified) (Note 4)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
80
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 5)
Continuous
TC=25°C
ID
30
A
TC=100°C
21.3
A
Pulsed (Note 2)
IDM
120
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
300
mJ
Repetitive (Note 2)
EAR
8
mJ
Power Dissipation (TC=25°C)
PD
28
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating; Pulse width limited by maximum junction temperature.
3. L=4mH, IAS=30A. VDD=50V, RG=25Ω, Starting TJ=25°C
4. Drain current limited by maximum junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
110
°C/W
Junction to Case
θJC
4.53
°C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V, TJ=150°C
80
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V,
1
µA
Gate- Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+100 nA
Reverse
VGS=-20V , VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=30A
32
40
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25, VGS=0V, f=1.0MHz
2400
pF
Output Capacitance
COSS
390
pF
Reverse Transfer Capacitance
CRSS
30
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com