Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N10L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30N10L-TN3-R
Description  30A, 100V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N10L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT30N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT30N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT30N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT30N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-661.c
30A, 100V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT30N10 is a N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with a minimum
on-state resistance, low gate charge and high switching speed.
The UTC UTT30N10 is suitable for high voltage synchronous
rectifier and DC/DC converters, etc.
FEATURES
* RDS(ON)=32mΩ @ VGS=10V,ID=30A
* Low Gate Charge (Typical 18.5nC)
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT30N10L-TA3-T
UTT30N10G-TA3-T
TO-220
G
D
S
Tube
UTT30N10L-TN3-T
UTT30N10G-TN3-T
TO-252
G
D
S
Tube
UTT30N10L-TN3-R
UTT30N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT30N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N10L-TN3-R UTC-UTT30N10L-TN3-R Datasheet
246Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - UTT30N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
Rohm
RSJ301N10FRA ROHM-RSJ301N10FRA Datasheet
2Mb / 15P
Nch 100V 30A Power MOSFET
RSJ301N10 ROHM-RSJ301N10 Datasheet
2Mb / 15P
Nch 100V 30A Power MOSFET
logo
Shindengen Electric Mfg...
P30LA10SL SHINDENGEN-P30LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 30A, N-channel
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com