Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAM676-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LAM676-R
Description  Hyper Mini TOPLED Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LAM676-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LAM676-R Datasheet HTML 1Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 2Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 3Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 4Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 5Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 6Page - Siemens Semiconductor Group LAM676-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
1998-11-12
LS M676, LA M676, LO M676
LY M676
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der Licht-
austrittsfläche
Color of the Light
Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M676-MQ
LS M676-N
LS M676-P
LS M676-Q
LS M676-NR
super-red
colorless clear
16
... 125
25
...
50
40
...
80
63
... 125
25
... 200
-
100 (typ.)
180 (typ.)
300 (typ.)
-
Q62703-Q3285
Q62703-Q3288
Q62703-Q3286
Q62703-Q3287
Q62703-Q3289
LA M676-NR
LA M676-P
LA M676-Q
LA M676-R
LA M676-PS
amber
colorless clear
25
... 200
40
...
80
63
... 125
100
... 200
40
... 320
-
180 (typ.)
300 (typ.)
450 (typ.)
Q62703-Q3536
Q62703-Q3537
Q62703-Q3538
Q62703-Q3539
Q62703-Q3540
LO M676-NR
LO M676-P
LO M676-Q
LO M676-R
LO M676-PS
orange
colorless clear
25
... 200
40
...
80
63
... 125
100
... 200
40
... 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3290
Q62703-Q3291
Q62703-Q3292
Q62703-Q3293
Q62703-Q3294
LY M676-NR
LY M676-P
LY M676-Q
LY M676-R
LY M676-PS
yellow
colorless clear
25
... 200
40
...
80
63
... 125
100
... 200
40
... 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3295
Q62703-Q3296
Q62703-Q3297
Q62703-Q3298
Q62703-Q3299



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com