Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT40N03L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT40N03L-TN3-R
Description  40A, 30V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40N03L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT40N03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT40N03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT40N03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT40N03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT40N03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT40N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-689.B
40A, 30V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTT40N03 power MOSFET provide the designer with the
best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness
FEATURES
* RDS(ON) = 17mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT40N03L-TM3-T
UTT40N03G-TM3-T
TO-251
G
D
S
Tube
UTT40N03L-TN3-R
UTT40N03G-TN3-R
TO-252
G
D
S
Tape Reel
UTT40N03L-TN3-T
UTT40N03G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT40N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT40N03L VBSEMI-UTT40N03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTT40N03L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
Mar-1999
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
logo
Fairchild Semiconductor
FDU8878 FAIRCHILD-FDU8878_08 Datasheet
405Kb / 12P
N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
logo
Rohm
RS1E150GN ROHM-RS1E150GN Datasheet
2Mb / 13P
Nch 30V 40A Power MOSFET
RS1E170GN ROHM-RS1E170GN Datasheet
2Mb / 13P
Nch 30V 40A Power MOSFET
logo
KIA Semiconductor Techn...
KNX9103A KIA-KNX9103A Datasheet
120Kb / 4P
40A, 30V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com