Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSST672 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LSST672
Description  Super Multi TOPLED High-Current LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSST672 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LSST672 Datasheet HTML 1Page - Siemens Semiconductor Group LSST672 Datasheet HTML 2Page - Siemens Semiconductor Group LSST672 Datasheet HTML 3Page - Siemens Semiconductor Group LSST672 Datasheet HTML 4Page - Siemens Semiconductor Group LSST672 Datasheet HTML 5Page - Siemens Semiconductor Group LSST672 Datasheet HTML 6Page - Siemens Semiconductor Group LSST672 Datasheet HTML 7Page - Siemens Semiconductor Group LSST672 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
LSS T672, LOO T672, LYY T672
LGG T672, LPP T672
s Not for new design / Nicht für Neuentwicklungen
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
1)
Streuung der Lichtstärke in einer LED
I
V max / IV min ≤ 2.0.
1)
Bei MULTILED® mit 2 gleichfarbigen Chips in einem Gehäuse wird die Helligkeitsgruppe aus dem Mittelwert
der Lichtstärken ermittelt.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
1)
Luminous intensity ratio in one LED
I
V max / IV min ≤ 2.0.
1)
In case of MULTILED® with two chips of the same color in one package, the mean of the brightness determines
the brightness group of the LED.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 50 mA
I
V(mcd)
Lichtstrom
Luminous
Flux
I
F = 50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LSS T672-NO
super-red /
super-red
colorless clear
≥ 25
(100 typ.)
300 (typ.)
Q62703-Q2881
LOO T672-MO orange /
orange
colorless clear
≥ 16
(100 typ.)
300 (typ.)
Q62703-Q2536
LYY T672-NO
yellow /
yellow
colorless clear
≥ 25
(100 typ.)
300 (typ.)
Q62703-Q2883
LGG T672-NO
green /
green
colorless clear
≥ 25
(100 typ.)
300 (typ.)
Q62703-Q2884
LPP T672-MO
pure green /
pure green
colorless clear
≥ 16
(50 typ.)
150 (typ.)
Q62703-Q2885
s
s
s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com