Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P04G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT50P04G-TN3-R
Description  -40V, -60A P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P04G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT50P04G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT50P04G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT50P04G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT50P04
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-598.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
-60 (Note 3)
A
Continuous
(Note 2)
TC=100°C
ID
-43
A
Drain Current
Pulsed
IDM
-100
A
Continuous Source Current (Diode Conduction)
IS
-60 (Note 3)
A
Avalanche Current
IAR
-40
A
Avalanche Energy
EAS
80
mJ
TC=25°C
93.7 (Note 2)
W
Power Dissipation (Note 2)
TA=25°C
PD
3 (Note 1)
W
Junction Temperature
TJ
-55~175
°C
Storage Temperature
TSTG
-55~175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
t≤10 sec.
18
Junction to Ambient (Note 1)
Steady State
θJA
50
Junction to Case
θJC
1.6
°C/W
Notes: 1. Surface Mounted on 1”x1” FR4 Board.
2. See SOA curve for voltage derating.
3. Calculated based on maximum allowable Junction Temperature. Package limitation current is 50A.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com