Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAM776-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LAM776-R
Description  Hyper Mini TOPLED RG Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LAM776-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LAM776-R Datasheet HTML 1Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 2Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 3Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 4Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 5Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 6Page - Siemens Semiconductor Group LAM776-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
LS M776, LA M776, LO M776
LY M776
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der Licht-
austrittsfläche
Color of the Light
Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS M776-MQ
LS M776-N
LS M776-P
LS M776-Q
LS M776-NR
super-red
colorless clear
16
… 125
25
… 50
40
… 80
63
… 125
25
… 200
-
100 (typ.)
180 (typ.)
300 (typ.)
-
Q62703-Q3859
Q62703-Q3860
Q62703-Q3861
Q62703-Q3862
Q62703-Q3863
LA M776-NR
LA M776-P
LA M776-Q
LA M776-R
LA M776-PS
amber
colorless clear
25
… 200
40
… 80
63
… 125
100
… 200
40
… 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3864
Q62703-Q3865
Q62703-Q3866
Q62703-Q3867
Q62703-Q3868
LO M776-NR
LO M776-P
LO M776-Q
LO M776-R
LO M776-PS
orange
colorless clear
25
… 200
40
… 80
63
… 125
100
… 200
40
… 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3869
Q62703-Q3870
Q62703-Q3871
Q62703-Q3872
Q62703-Q3873
LY M776-NR
LY M776-P
LY M776-Q
LY M776-R
LY M776-PS
yellow
colorless clear
25
… 200
40
… 80
63
… 125
100
… 200
40
… 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3874
Q62703-Q3875
Q62703-Q3876
Q62703-Q3877
Q62703-Q3878



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com