Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT60P03G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT60P03G-TN3-R
Description  -60A, -30V, P-CHANNEL POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60P03G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT60P03G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT60P03G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT60P03G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT60P03G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT60P03G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTT60P03
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-605.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS ID=-250µA, VGS=0V
-30
V
VDS=Rated BVDSS, VGS=0V
-1
Drain-Source Leakage Current
IDSS
VDS=0.8×Rated BVDSS, TC=150°C
-50
µA
Forward
VGS=+20V
+100
nA
Gate- Source Leakage
Current
Reverse
IGSS
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=-250µA
-2
-4
V
Static Drain-Source On-State
Resistance (Note)
RDS(ON) VGS=-10V, ID=-60A
0.027
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
3000
pF
Output Capacitance
COSS
1500
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-25V, f=1.0MHz
525
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=0 ~ -20V
190
230
nC
Gate Charge at 10V
QG(-10) VGS=0 ~ -10V
100
120
nC
Threshold Gate Charge
QG(TH) VGS=0 ~ -2V
VDD=-24V, ID≈-60A,
RL=0.4Ω, IG(REF)=-3mA
7.5
9
nC
Turn-On Time
tON
140
ns
Turn-ON Delay Time
tD(ON)
20
ns
Rise Time
tR
75
ns
Turn-OFF Delay Time
tD(OFF)
35
ns
Fall-Time
tF
40
ns
Turn-Off Time
tOFF
VDD=15V, VGS=-10V, ID≈60A,
RL=0.25Ω, RG=2.5Ω
115
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
(Note )
VSD
ISD=-60A
-1.75
V
Body Diode Reverse Recovery Time
tRR
ISD=-60A, ISD/dt=100A/µs
200
ns
Note: Pulse test: pulse width ≤ 300µs, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com