Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4793L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU4793L-S08-R
Description  OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU4793L-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 4Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU4793
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R121-022.a
OVERLOAD MONITORING
WITH RESISTIVE LOAD,
VT = 44.5 mV
DESCRIPTION
The UTC UU4793 is a bipolar integrated circuit designed for
monitoring over loading or short circuit in automotive or industrial
applications. The threshold VT is 44.5 mV and V4, 6=VS-VT. VT is not
dependent of the power supply voltage VS. If the voltage
developed across shunt resistor RSH exceeds VT, IC turns on the
output, or else turns off the output.
The output is turned off when input switch Pin 8 is open or there
is a lack of power supply voltage. The output breakdown voltage is
decided by the Z-diodes Z3 and Z5 which have a typical value of
VZ = 22 V.
A not used of the comparator input have to be connected to
Pin 7.
FEATURES
* Two common reference comparators
* Tight threshold tolerance
* Constant threshold
* Output with NPN
* 8 kV - ESD protection
* Protection of reverse polarity
* Load-dump protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UU4793L-S08-R
UU4793G-S08-R
SOP-8
Tape Reel
UU4793L-S08-T
UU4793G-S08-T
SOP-8
Tube


Similar Part No. - UU4793L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
191Kb / 5P
LINEAR INTEGRATED CIRCUIT
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
191Kb / 5P
OVERLOAD MONITORING
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
More results

Similar Description - UU4793L-S08-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
Automotive Lamp Outage Monitor, VT = 53 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
List of Unclassifed Man...
SB4011NCMC ETC2-SB4011NCMC Datasheet
144Kb / 6P
Electrical Capacity (Resistive Load)
logo
Unisonic Technologies
UU4793 UTC-UU4793_15 Datasheet
191Kb / 5P
OVERLOAD MONITORING
logo
Monolithic Power System...
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
logo
Unisonic Technologies
UU4793 UTC-UU4793_17 Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
logo
FOTEK CONTROLS CO., LTD...
ASR-F-40DA FOTEK-ASR-F-40DA Datasheet
1Mb / 3P
Rated current corresponding to Resistive load
logo
Maxim Integrated Produc...
MAXM15063 MAXIM-MAXM15063 Datasheet
1Mb / 10P
1.5W resistive load with 300mA sink capacity
Rev 0; 3/19
logo
IET Labs Inc.
HPRS-HIPOT-LOAD IET-HPRS-HIPOT-LOAD Datasheet
95Kb / 1P
High Power Resistive Load
Nov. 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com