Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UZ1084L-XX-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UZ1084L-XX-TQ2-R
Description  5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1084L-XX-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UZ1084L-XX-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UZ1084L-XX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UZ1084
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-010,K
ABSOLUTE MAXIMUM RATINGS (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
15
V
Operating Temperature
TOPR
0 ~ +125
°С
Storage Temperature
TSTG
-65 ~ 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-252
θJA
112
°C/W
TO-220
54
°C/W
TO-263/TO-263-3
64
°C/W
Junction to Case
TO-252
θJC
12
°C/W
TO-220
4
°C/W
TO-263/TO-263-3
4
°C/W
ELECTRICAL CHARACTERISTICS
For UZ1084-Adjustable (Operating Conditions: 4.75≤VIN≤5.25, TJ =25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Reference Voltage
VREF
IOUT=10mA
1.23
1.25
1.27
V
Line Regulation
ΔVOUT lOUT=10mA
0.5
2
%
Load Regulation
ΔVOUT 10mA≤lOUT≤ 5A
0.5
2.5
%
Dropout Voltage
VD
V
△ REF%=2%, lo=5A
1.5
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
5.5
6.5
A
Adjust Pin Current
IADJ
35
100
μA
Adjust Pin Current Change
ΔIADJ
1.5V≤(VIN-VOUT)≤ 5.75V, 10mA≤lOUT≤5A
5
μA
Minimum Load Current
IO(MIN)
1.5V≤(VIN-VOUT)≤5.75V
5
10
mA
Thermal shutdown
150
°C
For UZ1084-xx (Fixed Voltage)
(Operating Conditions: 1.5V≤ (VIN-VOUT) ≤5.75V, TJ=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP MAX UNIT
Output Voltage
VOUT
UZ1084-15 lOUT=10mA
1%
1.485
1.5
1.515
V
2%
1.470
1.5
1.530
V
UZ1084-18 lOUT=10mA
1%
1.782
1.8
1.818
V
2%
1.764
1.8
1.836
V
UZ1084-25 lOUT=10mA
1%
2.475
2.5
2.525
V
2%
2.450
2.5
2.550
V
UZ1084-33 lOUT=10mA
1%
3.267
3.3
3.333
V
2%
3.234
3.3
3.366
V
UZ1084-50 lOUT=10mA
1%
4.950
5.0
5.050
V
2%
4.900
5.0
5.100
V
Line Regulation
ΔVOUT IOUT=10mA
0.5
2
%
Load Regulation
ΔVOUT 10mA≤lOUT≤5A
0.5
2.5
%
Dropout Voltage
VD
V
△ REF%=2%, lOUT=5A
1.5
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
5.5
6.5
A
Minimum Load Current
ΔIADJ
1.5V≤ (VIN-VOUT) ≤5.75V
5
10
mA
Quiescent Current
IQ
VIN=12V
10
13
mA
Thermal shutdown
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com