Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2267L-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # V2267L-P08-R
Description  DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267L-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  V2267L-P08-R Datasheet HTML 1Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 2Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 3Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 4Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 5Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 6Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 7Page - Unisonic Technologies V2267L-P08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
V2267
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R124-006.C
DUAL VIDEO 6dB AMPLIFIER
WITH 75Ω DRIVER
DESCRIPTION
The UTC V2267 is a dual video 6dB amplifier with 75Ω drivers
for SVHS VCRs, HI-BAND VCRs, etc. Its operating supply voltage is
4.85 to 9V and bandwidth is 7MHz. Each channel has clamp function
that fixes DC level of video signal and 75Ω drivers to be connected
to TV monitors directly. Further more it has SAG corrective circuits
that prevent the generation of SAG with a small capacitance.
It is for VCR, Video Camera, TV, Video Disc Player.
FEATURES
* Dual Channel
* Wide Operating Voltage (4.85V ~ 9.0V)
* Low Operating Current 14.0mA (Dual)
* Wide Frequency Range (7MHz)
* Internal Clamp Function
* Internal Driver Circuit For 75Ω Load
* SAG Corrective Function
* Bipolar Technology
DIP-8
SOP-8
TSSOP-8
MSOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
V2267L-D08-T
V2267G-D08-T
DIP-8
Tube
V2267L-S08-R
V2267G-S08-R
SOP-8
Tape Reel
V2267L-S08-T
V2267G-S08-T
SOP-8
Tube
V2267L-SM1-R
V2267G-SM1-R
MSOP-8
Tape Reel
V2267L-SM1-T
V2267G-SM1-T
MSOP-8
Tube
V2267L-P08-R
V2267G-P08-R
TSSOP-8
Tape Reel
V2267L-P08-T
V2267G-P08-T
TSSOP-8
Tube


Similar Part No. - V2267L-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
V2267L-D08-T UTC-V2267L-D08-T Datasheet
307Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
More results

Similar Description - V2267L-P08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2267 NJRC-NJM2267 Datasheet
342Kb / 10P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER
NJM2268 NJRC-NJM2268 Datasheet
388Kb / 11P
DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER?
NJM2568 NJRC-NJM2568 Datasheet
72Kb / 4P
Video Amplifier with 75 ohms Driver?
logo
Unisonic Technologies
V2267 UTC-V2267 Datasheet
231Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
Video Driver with 6dB Gain
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
Video Driver with 6dB Gain
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
6dB Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
Dual Video Driver with 6dB Gain
logo
Unisonic Technologies
V2267 UTC-V2267_15 Datasheet
307Kb / 9P
DUAL VIDEO 6dB AMPLIFIER
logo
SG Micro Corp
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
Dual Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com