Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDXXL-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ZDXXL-AE3-R
Description  ZD1.8 THRU ZD36 ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ZDXXL-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  ZDXXL-AE3-R Datasheet HTML 1Page - Unisonic Technologies ZDXXL-AE3-R Datasheet HTML 2Page - Unisonic Technologies ZDXXL-AE3-R Datasheet HTML 3Page - Unisonic Technologies ZDXXL-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZD1.8 THRU ZD36
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-006,G
ABSOLUTE MAXIMUM RATINGS (TA=25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Dissipation (TA=25℃)
PD
225
mW
Derating above 25℃
1.8
mW/℃
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
417
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.)
Device
Marking Code
Test Current
Zener Voltage
ZZK (Ω)
ZZT(Ω)
IR (µA)
IZT(mA)
VZ (V)
Max
IZ(mA)
Max
IZ(mA)
Max
@VR (V)
ZD1.8
1.8
5
1.8±5%
2000
1.0
100
5
20.0
1.0
ZD2.4
2.4
5
2.4±5%
2000
1.0
100
5
20.0
1.0
ZD2.5
2.5
5
2.5±5%
2000
1.0
100
5
20.0
1.0
ZD3.3
3.3
5
3.3±5%
1000
1.0
100
5
10.0
1.0
ZD3.9
3.9
5
3.9±5%
1000
1.0
100
5
5.0
1.0
ZD4.3
4.3
5
4.3±5%
1000
1.0
100
5
5.0
1.0
ZD4.7
4.7
5
4.7±5%
800
0.5
100
5
2.0
1.0
ZD5.1
5.1
5
5.1±5%
500
0.5
80
5
2.0
1.5
ZD5.6
5.6
5
5.6±5%
200
0.5
60
5
1.0
2.5
ZD6.0
6.0
5
6.0±5%
100
0.5
60
5
1.0
2.5
ZD6.2
6.2
5
6.2±5%
100
0.5
60
5
1.0
3.0
ZD6.8
6.8
5
6.8±5%
60
0.5
40
5
0.5
3.5
ZD7.5
7.5
5
7.5±5%
60
0.5
30
5
0.5
4.0
ZD8.2
8.2
5
8.2±5%
60
0.5
30
5
0.5
5.0
ZD9.1
9.1
5
9.1±5%
60
0.5
30
5
0.5
6.0
ZD10
10
5
10±5%
60
0.5
30
5
0.1
7.0
ZD11
11
5
11±5%
60
0.5
30
5
0.1
8.0
ZD12
12
5
12±5%
80
0.5
30
5
0.1
9.0
ZD13
13
5
13±5%
80
0.5
37
5
0.1
10.0
ZD15
15
5
15±5%
80
0.5
42
5
0.1
11.0
ZD16
16
5
16±5%
80
0.5
50
5
0.1
12.0
ZD18
18
5
18±5%
80
0.5
65
5
0.1
13.0
ZD20
20
5
20±5%
100
0.5
85
5
0.1
15.0
ZD22
22
5
22±5%
100
0.5
100
5
0.1
17.0
ZD24
24
5
24±5%
120
0.5
120
5
0.1
19.0
ZD25
25
5
25±5%
130
0.5
130
5
0.1
19.0
ZD27
27
5
27±5%
150
0.5
150
5
0.1
21.0
ZD30
30
5
30±5%
200
0.5
200
5
0.1
23.0
ZD33
33
5
33±5%
250
0.5
250
5
0.1
25.0
ZD36
36
5
36±5%
300
0.5
300
5
0.1
27.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com