Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1706 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1706
Description  4-Pin OptoMOS짰 DC Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1706 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1706 Datasheet HTML 1Page - Clare, Inc. CPC1706 Datasheet HTML 2Page - Clare, Inc. CPC1706 Datasheet HTML 3Page - Clare, Inc. CPC1706 Datasheet HTML 4Page - Clare, Inc. CPC1706 Datasheet HTML 5Page - Clare, Inc. CPC1706 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
R02
CPC1706
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Min
Max
Units
Blocking Voltage
-
60
V
P
Reverse Input Voltage
-
5
V
Input control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Power Dissipation 2
-
1600
mW
Isolation Voltage, Input to Output
-
2500
V
rms
Operational Temperature
-40
+85
°C
Storage Temperature
-40
+125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate linearly 16.667 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
I
F=5mA, Free air
I
L
--
4
A
DC
Peak Load Current
I
F=5mA, t=10ms
I
LPK
--
9
A
On-Resistance 1
I
F=5mA, IL=1A
R
ON
-
0.07
0.09
Ω
Off-State Leakage Current
I
F=0mA, VL=60VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.5
5
ms
Turn-Off
t
off
-
0.085
2
Output Capacitance
I
F=0mA, VL=50V, f=1MHz
C
OUT
-75
-
pF
Input Characteristics
Input Control Current
I
L=1A
I
F
-
1.4
5
mA
Input Dropout Current
-
I
F
0.4
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance Input/Output
f=1MHz
C
I/O
-2
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Thermal Resistance (junction to case)
-
RθJC
-
1.5
-
°C/W
Thermal Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com