Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2267G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # V2267G-S08-R
Description  DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2267G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  V2267G-S08-R Datasheet HTML 1Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 2Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 3Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 4Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 5Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 6Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 7Page - Unisonic Technologies V2267G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
V2267
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R124-006.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
10
V
Power Dissipation
DIP-8
PD
500
mW
SOP-8
350
mW
MSOP-8
300
mW
TSSOP-8
250
mW
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Clamp Voltage
VCL
Measuring at TP1(TP2) No signal
1.79
1.91
2.03
V
Operating Current
ICC
No signal
14.0
18.2
mA
Voltage Gain
GV
VOUT1/VIN1, VOUT2/VIN2
at VIN1(VIN2) =1MHz, 1VP-P, Sinewave
5.7
6.2
6.7
dB
Frequency Characteristic
GF
VIN=1Vp-p, Sinewave, 7MHz/1MHz
±1.0
dB
Crosstalk
CT
VOUT2/VOUT1 at VIN1 = 4.43MHz, 1VP-P, VIN2=Gnd,
Sinewave
VOUT1/VOUT2 at VIN2 =4.43MHz, 1VP-P,VIN1=Gnd,
Sinewave
-70
dB
Gain Offset
GCH
VIN=1MHz, 1VP-P, GV1 = VOUT1/VIN1,
GV2 = VOUT2/VIN2, GCH = GV1-GV2
±0.5
dB
SAG Terminal Gain
GSAG
35
45
dB
Differential Gain
GDIFF
VIN1=1VP-P, Staircase
Measuring VOUT3 at VIN1 = Staircase Signal
1.0
3.0
%
Differential Phase
DP
VIN1=1VP-P, Staircase
Measuring VOUT3 at VIN1 = Staircase Signal
1.0
3.0
deg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com