Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST676-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LST676-R
Description  Hyper TOPLED Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LST676-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LST676-R Datasheet HTML 1Page - Siemens Semiconductor Group LST676-R Datasheet HTML 2Page - Siemens Semiconductor Group LST676-R Datasheet HTML 3Page - Siemens Semiconductor Group LST676-R Datasheet HTML 4Page - Siemens Semiconductor Group LST676-R Datasheet HTML 5Page - Siemens Semiconductor Group LST676-R Datasheet HTML 6Page - Siemens Semiconductor Group LST676-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
11.96
Besondere Merkmale
q
Gehäusebauform: P-LCC-2
q
Gehäusefarbe: weiß
q
als optischer Indikator einsetzbar
q
zur Hinterleuchtung, Lichtleiter- und Linseneinkopplung
q
für alle SMT-Bestück- und Löttechniken geeignet
q
gegurtet (8-mm-Filmgurt)
Features
q
P-LCC-2 package
q
color of package: white
q
for use as optical indicator
q
for backlighting, optical coupling into light pipes and lenses
q
suitable for all SMT assembly and soldering methods
q
available taped on reel (8 mm tape)
Hyper TOPLED®
Hyper-Bright LED
LS T676, LA T676, LO T676
LY T676


Similar Part No. - LST676-R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST676-R1S1-1 OSRAM-LST676-R1S1-1 Datasheet
476Kb / 19P
TOPLED
LST676-R1S1-1 OSRAM-LST676-R1S1-1 Datasheet
476Kb / 19P
TOPLED
More results

Similar Description - LST676-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LHT676 SIEMENS-LHT676 Datasheet
312Kb / 6P
Hyper TOPLED Hyper-Bright, Hyper-Red TS GaAIAs-LED
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
Hyper Mini TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
Hyper Mini TOPLED RG Hyper-Bright LED
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LSYT676 SIEMENS-LSYT676 Datasheet
292Kb / 6P
Hyper Multi TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
HYPER TOPLED, HYPER BRIGHT LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
Hyper TOPLED White Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
BLUE LINE Hyper TOPLED Hyper-Bright LED
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
Hyper Multi TOPLED Hyper-Bright LED
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
Power TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com