Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1709 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1709
Description  ISOPLUS??264 DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1709 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1709 Datasheet HTML 1Page - Clare, Inc. CPC1709 Datasheet HTML 2Page - Clare, Inc. CPC1709 Datasheet HTML 3Page - Clare, Inc. CPC1709 Datasheet HTML 4Page - Clare, Inc. CPC1709 Datasheet HTML 5Page - Clare, Inc. CPC1709 Datasheet HTML 6Page - Clare, Inc. CPC1709 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
R05
www.clare.com
4
CPC1709
3
Performance Data
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
6.3
6.8
7.3
8.3
7.88.8
Typical Turn-On Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
Turn-On (ms)
0.18
0.22
0.26
0.16
0.20
0.24
25
20
15
10
5
0
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=20mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
0.024
0.026
0.028
0.030
0.032
0.034
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC, TA=25ºC)
LED Forward Voltage (V)
0
5
1015202530354045
55
50
45
40
35
30
25
15
10
5
0
50
60
20
LED Forward Current (mA)
Typical Turn-On
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
0
5
1015202530354045
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
Typical Turn-Off
vs. LED Forward Current
(I
L=1ADC, TA=25ºC)
LED Forward Current (mA)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=20mA
I
F=10mA
-40
28
24
20
16
12
8
4
0
-20
0
20
40
60
80
100
Typical Turn-On vs. Temperature
(I
L=1ADC)
I
F=10mA
I
F=20mA
Temperature (ºC)
-40
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.15
-20
0
20
40
60
80
100
I
F=10mA
I
F=20mA
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
L=1ADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
0
10
9
8
7
6
5
4
3
2
1
0
0.0375 0.0750
0.1500 0.1875
0.1125
0.2250
Load Voltage (V)
Typical Load Current
vs. Load Voltage
(I
F=10mA, TA=25ºC)
020
40
60
80
100
0
5
10
15
20
25
30
35
1ºC/W
Free Air
10ºC/W
5ºC/W
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
Temperature (ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com