Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1718J Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1718J
Description  ISOPLUS??264 DC Power Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1718J Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1718J Datasheet HTML 1Page - Clare, Inc. CPC1718J Datasheet HTML 2Page - Clare, Inc. CPC1718J Datasheet HTML 3Page - Clare, Inc. CPC1718J Datasheet HTML 4Page - Clare, Inc. CPC1718J Datasheet HTML 5Page - Clare, Inc. CPC1718J Datasheet HTML 6Page - Clare, Inc. CPC1718J Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-CPC1718 - R03
www.clare.com
1
e3
RoHS
2002/95/EC
Characteristics
Features
• 17.5A
DC Load Current with 5°C/W Heat Sink
• Low 0.075
Ω On-Resistance
• 100V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance (0.3 °C/W)
• Electrically Non-conductive Thermal Pad for Heat
Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Certified Component: File E69938
• CSA Certified Component: Certificate 1172007
Pin Configuration
Description
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new family
of high-power Solid State Relays.
As part of this family, the CPC1718 single-pole
normally open (1-Form-A) DC Solid State Power
Relay employs optically coupled MOSFET technology
to provide 2500Vrms of input to output isolation.
The output, constructed with an efficient MOSFET
switch and photovoltaic die, uses Clare’s patented
OptoMOS architecture while the input, a highly
efficient GaAlAs infrared LED, provides the optically
coupled control. The combination of low on-resistance
and high load current handling capability makes this
relay suitable for a variety of high performance DC
switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process where the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation but also very low thermal
resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
100
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
17.5
ADC
No Heat Sink
6.75
On-Resistance
0.075
Ω
RθJC
0.3
°C/W
12
3
4
+-
-
+
Part
Description
CPC1718J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1718
Single-Pole, Normally Open
ISOPLUS™-264 DC Power Relay


Similar Part No. - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1718J CLARE-CPC1718J Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
logo
IXYS Corporation
CPC1718J IXYS-CPC1718J Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1718J IXYS-CPC1718J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1718J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1709 CLARE-CPC1709 Datasheet
120Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1927 CLARE-CPC1927 Datasheet
127Kb / 6P
ISOPLUS??264 Power Relay
CPC1718 CLARE-CPC1718 Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727 Datasheet
125Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779 Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788 Datasheet
132Kb / 6P
ISOPLUS??264 DC Power Relay
CPC1709 CLARE-CPC1709_10 Datasheet
899Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1727 CLARE-CPC1727_10 Datasheet
871Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1779 CLARE-CPC1779_10 Datasheet
890Kb / 7P
ISOPLUS??264 DC Power Relay
CPC1788 CLARE-CPC1788_10 Datasheet
926Kb / 7P
ISOPLUS??264 DC Power Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com