Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPK382-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LPK382-R
Description  Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LPK382-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LPK382-R Datasheet HTML 1Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 2Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 3Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 4Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 5Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 6Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 7Page - Siemens Semiconductor Group LPK382-R Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
LS K382, LO K382, LY K382
LG K382, LP K382
s Not for new design / Nicht für Neuentwicklungen
Streuung des Lichtstromes in einer Verpackungseinheit
Φ
V max / ΦV min ≤ 2.0.
Luminous flux ratio in one packaging unit
Φ
V max / ΦV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstrom
Luminous Flux
I
F = 50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS K382-QT
LS K382-R
LS K382-S
LS K382-RU
super-red
red clear
63 … 500
100 … 200
160 … 320
100 … 800
Q62703-Q2633
Q62703-Q2634
Q62703-Q2635
Q62703-Q1956
LO K382-QT
LO K382-R
LO K382-S
LO K382-RU
orange
orange clear
63 … 500
100 … 200
160 … 320
100 … 800
Q62703-Q2636
Q62703-Q2637
Q62703-Q2638
Q62703-Q1957
LY K382-QT
LY K382-R
LY K382-S
LY K382-RU
yellow
yellow clear
63 … 500
100 … 200
160 … 320
100 … 800
Q62703-Q2639
Q62703-Q2640
Q62703-Q2641
Q62703-Q1958
LG K382-QT
LG K382-R
LG K382-S
LG K382-T
LG K382-RU
green
green clear
63 … 500
100 … 200
160 … 320
250 … 500
100 … 800
Q62703-Q2642
Q62703-Q2643
Q62703-Q2644
Q62703-Q2645
Q62703-Q1959
LP K382-NR
LP K382-P
LP K382-Q
LP K382-R
LP K382-PS
pure green
colorless clear
25 … 200
40 … 80
63 … 125
100 … 200
40 … 320
Q62703-Q2646
Q62703-Q2339
Q62703-Q2338
Q62703-Q2337
Q62703-Q2123
s
s
s
s
s
s
s
s
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com