Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1981 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1981
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1981 Datasheet HTML 1Page - Clare, Inc. CPC1981 Datasheet HTML 2Page - Clare, Inc. CPC1981 Datasheet HTML 3Page - Clare, Inc. CPC1981 Datasheet HTML 4Page - Clare, Inc. CPC1981 Datasheet HTML 5Page - Clare, Inc. CPC1981 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
R04
CPC1981
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Typical On-Resistance vs. Temperature
(I
L=0.18Arms)
-40
-20
020406080100
I
F=5mA
27
24
21
18
15
12
9
6
3
Temperature (ºC)
I
F=10mA
Load Voltage (V)
-3
-2
-1
1
2
0
3
Typical Load Current vs. Load Voltage
(I
F=5mA, TA=25ºC)
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
Typical Maximum DC
Load Current vs. Temperature
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
1160
1140
1120
1100
1080
1060
1040
1020
1000
Temperature (ºC)
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=1000VP)
-40
0.21
0.18
0.15
0.12
0.09
0.06
0.03
0
-20
0
20
40
60
80
100
Temperature (ºC)
Time
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
1ms
100ms
10s
10ms
1s
100s
Energy Rating Curve
(Free Air, No Heat Sink)
10
μs 100μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com