Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1981Y Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1981Y
Description  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1981Y Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1981Y Datasheet HTML 1Page - Clare, Inc. CPC1981Y Datasheet HTML 2Page - Clare, Inc. CPC1981Y Datasheet HTML 3Page - Clare, Inc. CPC1981Y Datasheet HTML 4Page - Clare, Inc. CPC1981Y Datasheet HTML 5Page - Clare, Inc. CPC1981Y Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CPC1981
www.clare.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
1.7
2.3
2.9
1.4
2.0
2.6
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
0.010
0.012
0.014
0.009
0.011
0.013
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
25
20
15
10
5
0
12.1
12.2
12.3
12.5
12.4
12.6
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
35
30
25
20
15
10
5
0
1044
1060
1076
1052
1068
1084
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=50mA
I
F=10mA
I
F=20mA
Typical Turn-On vs.LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Typical Turn-Off vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
50
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
-40
-20
0
20
40
60
80
100
IF = 10mA
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=100mADC)
1400
1200
1000
800
600
400
200
0
IF = 20mA
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
I
F=20mA
Temperature (ºC)
I
F=10mA
Typical Turn-Off vs. Temperature
(I
L=100mADC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com