Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3701 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3701
Description  Vertical DMOS FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3701 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3701 Datasheet HTML 1Page - Clare, Inc. CPC3701 Datasheet HTML 2Page - Clare, Inc. CPC3701 Datasheet HTML 3Page - Clare, Inc. CPC3701 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.clare.com
DS-CPC3701-R02
1
CPC3701
60V, Depletion-Mode, N-Channel
Vertical DMOS FET
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC3701C
N-Channel Depletion Mode FET, SOT-89 Pkg.
Cut-Tape, Available in Quantities of 200, 300,
400, 500, and 600
CPC3701CTR
N-Channel Depletion Mode FET, SOT-89 Pkg.
Tape and Reel (1000/Reel)
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
60V
1
600mA
SOT-89
Applications
Features
Description
Ordering Information
Circuit Symbol
• Ignition Modules
• Normally-On Switches
• Solid State Relays
• Converters
• Security
• Power Supplies
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• Low On-Resistance: 1
 max. at 25ºC
• High Input Impedance
• Low V
GS(off) Voltage: -0.8 to -2.9V
• Small Package Size SOT-89
The CPC3701 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes Clare’s proprietary
third-generation vertical DMOS process. The
third-generation process realizes world class, high
voltage MOSFET performance in an economical
silicon gate process. Our vertical DMOS process
yields a robust device, with high input impedance,
for use in high-power applications. The CPC3701
is a highly reliable FET device that has been used
extensively in Clare’s Solid State Relays for industrial
and security applications.
The CPC3701 has a minimum breakdown voltage of
60V, and is available in the SOT-89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
Package Pinout (SOT-89)
S
G
D
G
D
S
D


Similar Part No. - CPC3701

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC3701 IXYS-CPC3701 Datasheet
145Kb / 5P
60V, Depletion-Mode, N-Channel
CPC3701C IXYS-CPC3701C Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
CPC3701C IXYS-CPC3701C Datasheet
145Kb / 5P
60V, Depletion-Mode, N-Channel
CPC3701CTR IXYS-CPC3701CTR Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
CPC3701CTR IXYS-CPC3701CTR Datasheet
145Kb / 5P
60V, Depletion-Mode, N-Channel
More results

Similar Description - CPC3701

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS107P ZETEX-BS107P Datasheet
20Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106A ZETEX-ZVN2106A Datasheet
47Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2120A ZETEX-ZVN2120A Datasheet
45Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2120G ZETEX-ZVN2120G Datasheet
40Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3310A ZETEX-ZVN3310A Datasheet
78Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4310G ZETEX-ZVN4310G Datasheet
34Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424G ZETEX-ZVN4424G Datasheet
43Kb / 4P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A ZETEX-ZVP0540A Datasheet
26Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0545A ZETEX-ZVP0545A Datasheet
49Kb / 1P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106G ZETEX-ZVP2106G Datasheet
72Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com