Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC3703 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC3703
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC3703 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC3703 Datasheet HTML 1Page - Clare, Inc. CPC3703 Datasheet HTML 2Page - Clare, Inc. CPC3703 Datasheet HTML 3Page - Clare, Inc. CPC3703 Datasheet HTML 4Page - Clare, Inc. CPC3703 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC3703-R04
1
CPC3703
N-Channel Depletion-Mode
Vertical DMOS FET
RoHS
2002/95/EC
e3
Pb
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
250V
4
360mA
SOT-89
Applications
Features
Description
Ordering Information
Circuit Symbol
• Ignition Modules
• Normally-On Switches
• Solid State Relays
• Converters
• Telecommunications
• Power Supply
• High Breakdown Voltage: 250V
• Low On-Resistance: 4
 max. at 25ºC
• Low V
GS(off) Voltage: -1.6 to -3.9V
• Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
• High Input Impedance
• Small Package Size: SOT-89
The CPC3703 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes Clare’s proprietary
third-generation vertical DMOS process. The
third-generation process realizes world class, high
voltage MOSFET performance in an economical
silicon gate process. Our vertical DMOS process
yields a robust device, with high input impedance, for
use in high-power applications. The CPC3703 is a
highly reliable device that has been used extensively
in Clare’s Solid State Relays for industrial and
telecommunications applications.
This device excels in power applications that require
low drain-source resistance, particularly in cold
environments such as automotive ignition modules.
The CPC3703 offers a low, 4
 maximum, on-state
resistance at 25ºC.
The CPC3703 has a minimum breakdown voltage of
250V, and is available in an SOT-89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
(SOT-89)
G
D
S
D
S
G
D
Package Pinout
Part #
Description
CPC3703C
N-Channel Depletion Mode FET, SOT-89 Pkg.
Cut-Tape, Available in Quantities of 200, 300,
400, 500, and 600
CPC3703CTR
N-Channel Depletion Mode FET, SOT-89 Pkg.
Tape and Reel (1000/Reel)


Similar Part No. - CPC3703

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3703 CLARE-CPC3703 Datasheet
103Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
IXYS Corporation
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
logo
Clare, Inc.
CPC3703C CLARE-CPC3703C Datasheet
103Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
logo
IXYS Corporation
CPC3703C IXYS-CPC3703C Datasheet
118Kb / 5P
Depletion-Mode FET
logo
Clare, Inc.
CPC3703CTR CLARE-CPC3703CTR Datasheet
103Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
More results

Similar Description - CPC3703

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN1590 SUTEX-DN1590 Datasheet
363Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545 SUTEX-DN3545_07 Datasheet
484Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com