Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5602 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC5602
Description  N-Channel Depletion Mode FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5602 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC5602 Datasheet HTML 1Page - Clare, Inc. CPC5602 Datasheet HTML 2Page - Clare, Inc. CPC5602 Datasheet HTML 3Page - Clare, Inc. CPC5602 Datasheet HTML 4Page - Clare, Inc. CPC5602 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
R07
CPC5602
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Gate-to-Source Off Voltage
V
GS(off)
I
D= 2µA, VDS=10V, VDS=100V
-3.6
-2.62
-2
V
Drain-to-Source Leakage Current
I
DS(off)
V
GS= -5V, VDS=190V
-
-
20
nA
V
GS= -5V, VDS=350V
-
-
1
A
Drain Current
I
D
V
GS= -2.7V, VDS=5V, VDS=50V
-
-
5
mA
V
GS= -0.57V, VDS=5V
130
-
-
mA
On-Resistance
R
DS(on)
V
GS= -0.35V, IDS=50mA
-
8
14
Gate Leakage Current
I
GSS
V
GS=10V, VGS=-10V
-
-
0.1
A
Gate Capacitance
C
ISS
V
DS= VGS=0V
-
-
300
pF
Electrical Characteristics @25oC (Unless Otherwise Specified)
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Thermal Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Thermal Resistance
RJC
-
-
-
14
ºC/W
Parameter
Ratings
Units
Drain-to-Source Voltage (V
DS)
350
V
Gate-to-Source Voltage (V
GS)
±20
V
Total Package Dissipation
2.5
W
Operational Temperature
-40 to +85
oC
Storage Temperature
-40 to +125
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com