Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA215 Datasheet(PDF) 2 Page - Clare, Inc.

Part # FDA215
Description  MOSFET Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FDA215 Datasheet(HTML) 2 Page - Clare, Inc.

  FDA215_11 Datasheet HTML 1Page - Clare, Inc. FDA215_11 Datasheet HTML 2Page - Clare, Inc. FDA215_11 Datasheet HTML 3Page - Clare, Inc. FDA215_11 Datasheet HTML 4Page - Clare, Inc. FDA215_11 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
FDA215
R05
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
100
mA
1A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
500
mW
Capacitance, Input to Output
1
pF
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Open Circuit Voltage
I
F=5mA
V
OC
3
5.5
8
V
Short Circuit Current
I
F=5mA
I
SC
1
2.5
9
A
I
F=25mA
2.5
3.5
20
Switching Speeds
Turn-On
I
F=5mA, CLOAD=200pF
t
on
--
5
ms
Turn-Off
t
off
--
5
Offstate Clamping Resistance
V
L=1V
R
CL
100
250
3300
Input Characteristics
Input Control Current
-
I
F
--
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Capacitance, Input to Output
-
-
-
3
-
pF
Electrical Characteristics @ 25ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com