Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614PI Datasheet(PDF) 12 Page - Clare, Inc.

Part # IXDI614PI
Description  14-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI614PI Datasheet(HTML) 12 Page - Clare, Inc.

Back Button IXDI614PI Datasheet HTML 6Page - Clare, Inc. IXDI614PI Datasheet HTML 7Page - Clare, Inc. IXDI614PI Datasheet HTML 8Page - Clare, Inc. IXDI614PI Datasheet HTML 9Page - Clare, Inc. IXDI614PI Datasheet HTML 10Page - Clare, Inc. IXDI614PI Datasheet HTML 11Page - Clare, Inc. IXDI614PI Datasheet HTML 12Page - Clare, Inc. IXDI614PI Datasheet HTML 13Page - Clare, Inc. IXDI614PI Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
IXD_614
12
www.clare.com
R02
5.4 Mechanical Dimensions
5.4.1 SI (8-Pin Power SOIC with Exposed Metal Back)
5.4.2 SI Package Tape & Reel Information
Recommended PCB Land Pattern
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
NOTES:
1. Molded package conforms to JEDEC standard configuration
MS-012 variation BA.
2. The exposed metal pad on the back of the SI package should
be connected to GND. It is not suitable for carrying
current.
1.30 / 1.75
(0.051 / 0.069)
0.03 / 0.10
(0.001 / 0.004)
4.80 / 5.00
(0.190 / 0.197)
PIN 1
0.31 / 0.51
(0.012 / 0.020)
5.80 / 6.20
(0.228 / 0.244)
3.80 / 4.00
(0.150 / 0.157)
1.27 BSC
(0.05 BSC)
0.40 / 1.27
(0.016 / 0.050)
0.10 / 0.25
(0.004 / 0.010)
0.25 / 0.50 x45º
(0.010 / 0.020 x45º)
0º / 8º
2.29 / 2.79
(0.090 / 0.110)
3.30 / 3.81
(0.130 / 0.150)
1.27
(0.050)
5.40
(0.209)
1.55
(0.061)
0.60
(0.024)
2.75
(0.108)
3.80
(0.150)
NOTES:
1. A
0 & B0 measured at 0.3mm above base of pocket.
2. 10 pitches cumulative tol. ± 0.2mm
3. ( ) Reference dimensions only.
4. Unless otherwise specified, all dimensions in millimeters.
K
0=2.30 ± 0.10
B
0=5.20 ± 0.10
R0.50 TYP
8.00 ± 0.10
2.00 ± 0.10
4.00 ± 0.10 See Note #2
12.00 ± 0.30
5.50 ± 0.10
1.75 ± 0.10
∅1.50 (MIN)
∅1.55 ± 0.05
1.80 ± 0.10
(3.40)
0.30 ± 0.05
(70º)
A
0=6.40 ± 0.10
(4.70)
(1.20)
A
A
B
B
SECTION A-A
SECTION B-B
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com