Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2401 Datasheet(PDF) 1 Page - Clare, Inc.

Part # PD2401
Description  AC Solid State Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PD2401 Datasheet(HTML) 1 Page - Clare, Inc.

  PD2401 Datasheet HTML 1Page - Clare, Inc. PD2401 Datasheet HTML 2Page - Clare, Inc. PD2401 Datasheet HTML 3Page - Clare, Inc. PD2401 Datasheet HTML 4Page - Clare, Inc. PD2401 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PD2401
AC Solid State Relays
www.clare.com
DS-PD2401-R12
1
RoHS
2002/95/EC
e3
Pb
Part #
Description
PD2401
4-Pin (16-Pin Body) DIP Package (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
240
V
rms
Load Current
1
A
rms
On-State Voltage Drop
(I
L=1Arms)
1.2
V
rms
Applications
Features
Description
Ordering Information
Pin Configuration
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
• Load Current up to 1A
rms
• Blocking Voltages up to 500V
P
• 3750V
rms Input to Output Isolation
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
The PD2401 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce an
alternative to optocoupler and Triac circuits. The
PD2401 switches are robust enough to provide a
blocking voltage of up to 500V
P and max surge
current rating of 20A. In addition, tightly controlled
zero-cross circuitry ensures switching of AC loads
without the generation of transients. The input and
output circuits are optically coupled to provide
3750V
rms of isolation and noise immunity between
control and load circuits. As a result the PD2401
is well suited for industrial environments where
electromagnetic interference would disrupt the
operation of electromechanical relays.
Approvals
• UL Recognized Component: UL 508 File E69938
• CSA Certified Component: Certificate LR43639-8
16
1
10
+ LED
AC Load
- LED
AC Load
8
ZC


Similar Part No. - PD2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
logo
IXYS Corporation
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
logo
Littelfuse
PD2401 LITTELFUSE-PD2401 Datasheet
149Kb / 5P
AC Solid State Relays
11/18/2025
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
More results

Similar Description - PD2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2401 CLARE-PD2401 Datasheet
382Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com