Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDI614YI Datasheet(PDF) 1 Page - Clare, Inc.

Part # IXDI614YI
Description  14-Ampere Low-Side Ultrafast MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IXDI614YI Datasheet(HTML) 1 Page - Clare, Inc.

  IXDI614YI Datasheet HTML 1Page - Clare, Inc. IXDI614YI Datasheet HTML 2Page - Clare, Inc. IXDI614YI Datasheet HTML 3Page - Clare, Inc. IXDI614YI Datasheet HTML 4Page - Clare, Inc. IXDI614YI Datasheet HTML 5Page - Clare, Inc. IXDI614YI Datasheet HTML 6Page - Clare, Inc. IXDI614YI Datasheet HTML 7Page - Clare, Inc. IXDI614YI Datasheet HTML 8Page - Clare, Inc. IXDI614YI Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS-IXD_614-R02
www.clare.com
1
RoHS
2002/95/EC
e3
Pb
Features
• 14A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Logic Input Withstands Negative Swing of up to 5V
• Low Propagation Delay Time
• Low, 10
A Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDD614 / IXDI614 / IXDN614 high-speed gate
drivers are especially well suited for driving the latest
IXYS MOSFETs and IGBTs. Each output can source
and sink 14A of peak current while producing voltage
rise and fall times of less than 30ns. Internal circuitry
eliminates cross-conduction and current
"shoot-through," making the driver virtually immune to
latch up. Low propagation delay with fast rise and fall
times make the IXD_614 family ideal for
high-frequency and high-power applications.
The IXDD614 is configured as a non-inverting driver
with an enable. The IXDN614 is configured as a
non-inverting driver, and the IXDI614 is configured as
an inverting driver.
The IXD_614 family is available in an 8-pin DIP (PI),
an 8-pin Power SOIC with an exposed metal back (SI),
a 5-pin TO-220 (CI), and a 5-pin TO-263 (YI) package.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDD614PI
8-Pin DIP
Tube
50
IXDD614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDD614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDD614CI
5-Pin TO-220
Tube
50
IXDD614YI
5-Pin TO-263
Tube
50
IXDI614PI
8-Pin DIP
Tube
50
IXDI614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI614CI
5-Pin TO-220
Tube
50
IXDI614YI
5-Pin TO-263
Tube
50
IXDN614PI
8-Pin DIP
Tube
50
IXDN614SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN614SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN614CI
5-Pin TO-220
Tube
50
IXDN614YI
5-Pin TO-263
Tube
50
IN
EN
OUT
IN
OUT
IN
OUT
IXD_614
14-Ampere Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXDI614YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI614YI IXYS-IXDI614YI Datasheet
310Kb / 14P
14A Peak Source/Sink Drive Current
More results

Similar Description - IXDI614YI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com