Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYT776-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LYT776-R
Description  Hyper TOPLED RG Hyper-Bright LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LYT776-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LYT776-R Datasheet HTML 1Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 2Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 3Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 4Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 5Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 6Page - Siemens Semiconductor Group LYT776-R Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LS T776, LA T776, LO T776, LY T776
Semiconductor Group
2
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 20 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 20 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS T776-NR
LS T776-P
LS T776-Q
LS T776-R
LS T776-PS
super-red
colorless clear
25 … 200
40 …
80
63 … 125
100 … 200
40 … 320
-
180 (typ.)
300 (typ.)
450 (typ.)
-
Q62703-Q3270
Q62703-Q3271
Q62703-Q3272
Q62703-Q3273
Q62703-Q3274
LA T776-PS
LA T776-Q
LA T776-R
LA T776-S
LA T776-QT
amber
colorless clear
40 … 320
63 … 125
100 … 200
160 … 320
63 … 500
-
300 (typ.)
450 (typ.)
700 (typ.)
-
Q62703-Q3914
Q62703-Q3915
Q62703-Q3916
Q62703-Q3917
Q62703-Q3918
LO T776-PS
LO T776-Q
LO T776-R
LO T776-S
LO T776-QT
orange
colorless clear
40 … 320
63 … 125
100 … 200
160 … 320
63 … 500
-
300 (typ.)
450 (typ.)
700 (typ.)
-
Q62703-Q3275
Q62703-Q3276
Q62703-Q3277
Q62703-Q3278
Q62703-Q3279
LY T776-PS
LY T776-Q
LY T776-R
LY T776-S
LY T776-QT
yellow
colorless clear
40 … 320
63 … 125
100 … 200
160 … 320
63 … 500
-
300 (typ.)
450 (typ.)
700 (typ.)
-
Q62703-Q3280
Q62703-Q3281
Q62703-Q3282
Q62703-Q3283
Q62703-Q3284



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com