Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR155/S5 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PLR155/S5
Description  Photo link Light Receiver Unit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR155/S5 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PLR155/S5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR155/S5 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
http://www.everlight.com
Rev 4
Page: 2 of 8
Device NO: DPL-155-001
Prepared Date:07-25-2005
Prepared By: Chin-Chia Hsu
PLR155 Series
Package Dimensions
2.20±0.1
5.70±0.1
3-0.50±0.05
2.54
5.08
0.25±0.03
A
A'
AT
R1.4
0
Rear View
Front View
Side View
1.50
Pin Function
1 :V
2 :GND
3 :Vcc
32
1
Unit: mm
Notes: 1.All dimensions are in mm.
2.General Tolerance: Tolerance is ±0.20 mm
3.Plating Thickness: Tin Layer>2um
4.It must be placed a 0.1uF capacitor in the between of Vcc and GND within 7mm.
5.Device Selection Table:
Device Name
Pin Length A1 (mm)
PLR155
12.55
±0.25
PLR155/S1
7.50
±0.25
PLR155/S2
5.22
±0.25
PLR155/S3
10.20
±0.25
PLR155/S5
16.50 Min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com