Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM6323ATS15AR Datasheet(PDF) 2 Page - Motorola, Inc

Part # SCM6323ATS15AR
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS15AR Datasheet(HTML) 2 Page - Motorola, Inc

  SCM6323ATS15AR Datasheet HTML 1Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 2Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 3Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 4Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 5Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 6Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 7Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 8Page - Motorola, Inc SCM6323ATS15AR Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCM6323A
2
MOTOROLA FAST SRAM
TRUTH TABLE (X = Don’t Care)
E
G
W
LB
UB
Mode
VDD Current
DQa’s
DQb’s
H
X
X
X
X
Not Selected
ISB1, ISB2
High–Z
High–Z
L
H
H
X
X
Output Disabled
IDDA
High–Z
High–Z
L
X
X
H
H
Output Disabled
IDDA
High–Z
High–Z
L
L
H
L
H
Low Byte Read
IDDA
Dout
High–Z
L
L
H
H
L
High Byte Read
IDDA
High–Z
Dout
L
L
H
L
L
Word Read
IDDA
Dout
Dout
L
X
L
L
H
Low Byte Write
IDDA
Din
High–Z
L
X
L
H
L
High Byte Write
IDDA
High–Z
Din
L
X
L
L
L
Word Write
IDDA
Din
Din
ABSOLUTE MAXIMUM RATINGS (See Notes)
Rating
Symbol
Value
Unit
Supply Voltage
VDD
– 0.5 to + 4.6
V
Voltage on Any Pin
Vin
– 0.5 to VDD + 0.5
V
Output Current per Pin
Iout
± 20
mA
Package Power Dissipation
PD
.75
W
Temperature Under Bias
Commerial
Industrial
Tbias
– 10 to + 85
– 45 to + 90
°C
Operating Temperature
Commerial
Industrial
TA
0 to + 70
– 40 to + 85
°C
Storage Temperature
Tstg
– 55 to + 150
°C
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for extended
periods of time could affect device reliability.
2. All voltages are referenced to VSS.
3. Power dissipation capability will be dependent upon package characteristics and use
environment.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to these high–impedance cir-
cuits.
This CMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear feet
per minute is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com