Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELD207 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELD207
Description  8 PIN SOP PHOTOTRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD207 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELD207 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELD207 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2011-04-29 16:43:33.0
8 PIN SOP PHOTOTRANSISTOR
DUAL CHANNEL PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http:\\www.everlight.com
Document No:DPC-0000024
Rev.3
March 18, 2011
ELD20X_21X Series
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Forward current
IF
60
mA
Peak forward current (t = 100µs)
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
No derating needed
PD
90
mW
Collector power dissipation
No derating needed
PC
150
mW
Collector-Emitter voltage
VCEO
80
V
Collector-Base voltage
VCBO
80
V
Emitter-Collector voltage
VECO
7
V
Output
Collector Current
Ic
50
mA
Total power dissipation
Ptot
250
mW
Isolation voltage
*1
Viso
3750
Vrms
Operating temperature
Topr
-55~+110
°C
Storage temperature
Tstg
-55~+150
°C
Soldering temperature
*2
Tsol
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6
are shorted together.
*2 For 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com