Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6A02-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 6A02-G
Description  General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

6A02-G Datasheet(HTML) 2 Page - Comchip Technology

  6A02-G Datasheet HTML 1Page - Comchip Technology 6A02-G Datasheet HTML 2Page - Comchip Technology 6A02-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES (6A005-G Thru. 6A10-G)
Page 2
QW-BG014
REV:A
Fig.1- Forward Current Derating Curve
0
Ambient Temperature, (°C)
0
80
140
Fig.2- Maximum Non-repetitive Surge Current
0
Number of Cycles at 60Hz
0
100
100
Fig.4- Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
0
1.0
1000
0.8
60
100
200
120
2.0
4.0
6.0
10
300
0.2
0.6
1.0
1.8
1.2
1.6
10
100
40
Pulse width 8.3mS single half sine-
wave (JEDEC Method)
Fig.3- Typical Junction Capacitance
10
Reverse Voltage, (V)
0.1
1000
1
10
100
100
O
TJ=25 C
f=1MHz
Single phase Half wave, 60Hz
Resistive or inductive load
400
0.4
1.4
Pulse width=300uS
General Purpose Silicon Rectifiers



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com