Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA220LL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA220LL-HF
Description  Ultra Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA220LL-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBA220LL-HF Datasheet HTML 1Page - Comchip Technology CDBA220LL-HF Datasheet HTML 2Page - Comchip Technology CDBA220LL-HF Datasheet HTML 3Page - Comchip Technology CDBA220LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ultra Low VF SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV: B
Features
-Ultra high-speed switching.
Mechanical data
CDBA220LL-HF Thru. CDBA240LL-HF
Maximum Ratings and Electrical Characteristics
QW-JL008
Comchip Technology CO., LTD.
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
-Low Profile surface mount applications
in order to optimize board space.
-Low power loss, high efficiency.
-Hight current capability, low forward voltage drop.
-Hight surge capability.
-Guarding for overvoltage protection.
-Silicon epitaxial planar chip,metal silicon junction.
NOTES:
1. Thermal resistance from junction to ambient.
2.
.
F=1MHZ and applied 4V DC reverse Voltage
Unit
mA
°C/W
V
V
V
A
pF
V
A
°C
°C
CDBA240LL-HF
40
28
40
-50 to +100
-50 to +150
1.0
70
160
20
2.0
CDBA230LL-HF
30
21
30
0.35
70
CDBA220LL-HF
0.33
20
14
20
Symbol
VRRM
VRMS
VDC
IFSM
RθJA
TSTG
VF
IR
CJ
IO
TJ
Typical Diode Junction
(Note 2)
Capacitance
VR=VRRM TJ=100°C
8.3ms single half sine-wave superimposed
VR=VRRM TJ=25°C
Max. Forward Rectified Current (See Fig.1)
Max. Re
Peak Reverse Voltage
current
Typical Thermal Resistance (Note 1)
Max. Instantaneous Forward Voltage
on rated load (JEDEC method)
Operating Temperature Range
Max. Forward Surge Current,
Storage Temperature Range
Parameter
Max. DC Blocking Voltage
Max.
everse Current
R
Max. RMS Voltage
@
TA=25°C
2.0A,
-Case: JEDEC DO-214AC / SMA, molded plastic.
-Polarity: Indicated by cathode band.
-Weight: 0.055 grams
-Terminals: Solder plated, Solderable per
-MIL-STD-750, method 2026.
-Epoxy: UL 94V-0 rate flame retardant.
-Mounting position: Any.
Halogen free
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.181 (4.60)
0.157 (4.00)
0.008(0.20)
0.004(0.10)
0.012 (0.30)
TYP.
0.209 (5.30)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.098 (2.50)
0.067 (1.70)


Similar Part No. - CDBA220LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220LL-G COMCHIP-CDBA220LL-G Datasheet
683Kb / 2P
Low Vf SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA220LL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA120LL-HF COMCHIP-CDBA120LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ31045L-HF COMCHIP-CDBZ31045L-HF Datasheet
475Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBZ2140LL-HF COMCHIP-CDBZ2140LL-HF Datasheet
100Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ2240LL-HF COMCHIP-CDBZ2240LL-HF Datasheet
100Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBZ310100LL-HF COMCHIP-CDBZ310100LL-HF Datasheet
130Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBHA10200LR-HF COMCHIP-CDBHA10200LR-HF Datasheet
468Kb / 4P
Ultra Low VF Schottky Barrier Rectifiers
REV:A
CDBMS140LL-HF COMCHIP-CDBMS140LL-HF Datasheet
98Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
REV: A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com