Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA320-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBA320-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA320-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBA320-G Datasheet HTML 1Page - Comchip Technology CDBA320-G Datasheet HTML 2Page - Comchip Technology CDBA320-G Datasheet HTML 3Page - Comchip Technology CDBA320-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBA320-G thru CDBA3100-G)
1.8
1.0
0.8
1.2
0.4
Fig.3 Typical Instantaneous Forward
0.01
0.1
1
10
20
Fig.4 Typical Reverse Characteristics
0.001
0.01
0.1
1.0
10
40
O
Ambient Temperature (
C)
0
1.5
2.0
3.5
Comchip Technology CO., LTD.
Page 2
REV:C
60
140
0
100
175
0.5
3.0
0.6
20
80
1.0
SMD Schottky Barrier Rectifiers
25
50
75
150
125
2.5
QW-BB009
1.4
1.6
O
TJ=25 C
PULSE WIDTH=300
μs
DUTY CYCLE 1%
Characteristics
Instantaneous Forward Voltage, (V)
0
100
120
CDBA320-G-CDBA340-G
CDBA350-G-CDBA3100-G
O
TJ=125
C
O
TJ=75
C
O
TJ=25
C
Percent Of Rated Peak Reverse Voltage,(%)
Number of Cycles at 60Hz
0
60
80
120
1
10
100
20
100
40
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
100
1.0
0.1
Fig.5 Typical Junction Capacitance
10
100
1000
10
Reverse Voltage, (V)
O
TJ=25 C
f=1MHz
Vsig=50mV
1 C
ycle
Fig.2 Maximum Non-Repetitive Peak
Forward Surge Current
Fig.1 Typical Forward Current
Derating Curve
Single Phase Half Wave
60Hz Inductive or Resistive Load
0.375*(9.5mm)Lead Length
CDBA320-G-CDBA340-G
CDBA350-G-CDBA3100-G
CDBA320-G-CDBA340-G
CDBA350-G-CDBA3100-G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com