Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA320-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA320-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA320-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBA320-HF Datasheet HTML 1Page - Comchip Technology CDBA320-HF Datasheet HTML 2Page - Comchip Technology CDBA320-HF Datasheet HTML 3Page - Comchip Technology CDBA320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Reverse Voltage: 20 to 100 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:A
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Built-in strain relief.
-Low forward voltage drop.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.063 grams
CDBA320-HF Thru. CDBA3100-HF
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-JB006
CDBA
320-HF
Notes: 1. Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 0.2×0.2 inch copper pad area.
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage at
3.0A
Max. DC reverse current at
TA=25°C
rated DC blocking voltage
TA=100°C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CDBA
340-HF
CDBA
360-HF
CDBA
380-HF
CDBA
3100-HF
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
IR
RθJA
RθJL
TJ
TSTG
20
20
14
40
40
28
20
60
60
42
80
3.0
0.70
0.5
50
10
125
-65 to +150
80
80
56
100
100
70
V
V
V
A
A
V
mA
°C/W
°C
°C
0.50
0.85
10
0.110(2.79)
0.100(2.54)
0.065(1.65)
0.049(1.25)
0.208(5.28)
0.193(4.90)
0.012(0.305)
0.006(0.152)
0.005(0.127) max
0.060(1.52)
0.030(0.76)
0.091(2.31)
0.067(1.70)
0.180(4.57)
0.160(4.06)
Halogen Free


Similar Part No. - CDBA320-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA320-HF COMCHIP-CDBA320-HF Datasheet
160Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA320-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com